Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F1AA012T Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-F1AA012T
Description  POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AA012T Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-F1AA012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 8Page - Fujitsu Component Limited. FTR-F1AA012T Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FTR-F1 SERIES
n
INSULATION
Item
FTR-F1
Note
Resistance (initial)
Minimum 1,000 MΩ
at 500 VDC
Dielectric
Strength
open contacts
1,000 VAC (50/60 Hz) 1 min.
coil and contacts
5,000 VAC (50/60 Hz) 1 min.
adjacent contacts
3,000 VAC (50/60 Hz) 1 min.
Surge Voltage (coil and contact)
10,000 V
1.2 x 50µs standard wave
Clearance/Creepage
8 mm / 8 mm
Insulation (DIN EN61810-1 VDE0435)
Voltage
Pollution
Isolation material group
250 V
3
IIIa
Isolation category / Reference voltage
(VDE0110b)
C / 250 V
Type
Compliance
Contact rating
UL
UL 508
E63614
Flammability: UL 94-V0 (plastics)
5A, 24VDC (resistive)
5A, 250 VAC (resistive)
1/6 HP, 125VAC
1/4 HP, 250VAC
Pilot duty: C300
Pilot duty: R300 (F1AA( )T, F1AA( )V)
TV-3 (F1AA( )T)
CSA
C22.2 No. 14
LR 40304
VDE
0435, 0631, 0700, 0860
5A, 250 VAC (cosØ=1)
2A, 250 VAC (cosØ=0.4)
5 A 24VDC (0ms), 85˚C
SEMKO
EN 61058-1:1992 and A1
EN 61095:1993 and A1+A11
250VAC, 5 (1)A
IEC60335-1 GWFI IEC 60695-2-12
>850˚C (except for -RG)
GWFI IEC 60695-2-13
>775˚C(except for -RG)
n
SAFETY STANDARDS
Complies with BSI, IMC, CQC, NEMKO, DEMKO, FIMKO


Similar Part No. - FTR-F1AA012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA012T FUJITSU-FTR-F1AA012T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AA012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1R FUJITSU-FTR-F1R Datasheet
645Kb / 7P
   FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FBR18 FUJITSU-FBR18 Datasheet
57Kb / 6P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com