Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NASL-D12W-KB05 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # NASL-D12W-KB05
Description  MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

NASL-D12W-KB05 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  NASL-D12W-KB05 Datasheet HTML 1Page - Fujitsu Component Limited. NASL-D12W-KB05 Datasheet HTML 2Page - Fujitsu Component Limited. NASL-D12W-KB05 Datasheet HTML 3Page - Fujitsu Component Limited. NASL-D12W-KB05 Datasheet HTML 4Page - Fujitsu Component Limited. NASL-D12W-KB05 Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NAS SERIES
NOT
FOR
NEW
DESIGNS
s DIMENSIONS
q Dimensions
q Schematics
(top view)
q PC board mounting
pad layout
(top view)
(Top
NAS, NASL type (Non-latching type, single winding latching type
NASL-D type (Double winding latching type)
s RECOMMENDED SOLDERING CONDITIONS
(TEMPERATURE PROFILE)
Note:
1. Temperature profiles show the temperature of PC board surface.
2. Please perform soldering test with your actual PC board before
mass production, since the temperatures of PC board surfaces
vary according to the size of PC board, status of parts mounting
and heating method.
Unit: mm


Similar Part No. - NASL-D12W-KB05

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
NAS TTELEC-NAS Datasheet
631Kb / 3P
   Pb-free option is RoHS compliant
logo
List of Unclassifed Man...
NAS-XXX ETC1-NAS-XXX Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
NAS1077 ETC2-NAS1077 Datasheet
116Kb / 2P
   TECHNICAL OPERATIONS COUNCIL MEMORANDUM
NAS1096 ETC-NAS1096 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS1096-1-10 ETC-NAS1096-1-10 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
More results

Similar Description - NASL-D12W-KB05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR18 FUJITSU-FBR18 Datasheet
57Kb / 6P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com