Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NY-12W-K-IE Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # NY-12W-K-IE
Description  POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

NY-12W-K-IE Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  NY-12W-K-IE Datasheet HTML 1Page - Fujitsu Component Limited. NY-12W-K-IE Datasheet HTML 2Page - Fujitsu Component Limited. NY-12W-K-IE Datasheet HTML 3Page - Fujitsu Component Limited. NY-12W-K-IE Datasheet HTML 4Page - Fujitsu Component Limited. NY-12W-K-IE Datasheet HTML 5Page - Fujitsu Component Limited. NY-12W-K-IE Datasheet HTML 6Page - Fujitsu Component Limited. NY-12W-K-IE Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NY SERIES
Nominal
Coil resistance
Must operate
Must release
Nominal
MODEL
voltage
(±10%)
voltage*
voltage*
power
NY-4.5W-K-IE
4.5VDC
169Ω
3VDC
0.45VDC
120mW
NY-5W-K-IE
5VDC
208Ω
3.35VDC
0.5VDC
120mW
NY-6W-K-IE
6VDC
300Ω
4VDC
0.6VDC
120mW
NY-9W-K-IE
9VDC
675Ω
6VDC
0.9VDC
120mW
NY-12W-K-IE
12VDC
1,200Ω
8VDC
1.2VDC
120mW
NY-18W-K-IE
18VDC
2,700Ω
12.1VDC
1.8VDC
120mW
NY-24W-K-IE
24VDC
4,800Ω
16.1VDC
2.4VDC
120mW
n
COIL DATA CHART
n
CHARACTERISTIC DATA
Note:Allvaluesinthetablearemeasuredat20°C
*:Specifiedvaluesaresubjecttopulsewavevoltage
16
14
12
10
8
6
4
2
0
0.1
0.2
0.3
40
30
20
10
0
0.1
0.2
0.3
0.4
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20
40
60
80
100
5A
3A
Must Operate
Voltage (Hot
Coil)
3A
5A
Release
300
200
100
50
30
20
10
5
3
2
0.1 0.20.3 0.50.7 1
2 3
5
120 VAC resistive
30VDC Vτ 7 ms
240 VAC COSφ 0.4
30 VDC/240 VAC
resistive
DC30 V
τ 40ms
DC100 120 V
τ 7 40ms
Coil Power (W)
Operate
Coil Power (W)
Timing
Coil Temperature Rise
Operating Range
Ambient Temperature (˚C)
Must Operate
Voltage (Coo
l Coil)
Contact Voltage (V)
Maximum Switching Power
Contact Current (A)
Life Curves
120 VAC COSφ 0.4
0A
10 20 30 50 100 200 300 500
5
3
2
1
0.5
0.3
0.2
0.1
DC Resistive
AC Resistive


Similar Part No. - NY-12W-K-IE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NY-12W-K FUJITSU-NY-12W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - NY-12W-K-IE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
logo
ZETTLER Electronics
RA2 ZETTLER-RA2 Datasheet
226Kb / 3P
   Cadmium - free contacts
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com