Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY-12W-K Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # RY-12W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

RY-12W-K Datasheet(HTML) 9 Page - Fujitsu Component Limited.

  RY-12W-K Datasheet HTML 1Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 2Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 3Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 4Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 5Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 6Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 7Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 8Page - Fujitsu Component Limited. RY-12W-K Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
RY SERIES
Japan
FujitsuComponentLimited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax:(81-3)5449-2626
Email:promothq@ft.ed.fujitsu.com
Web:www.fcl.fujitsu.com
North and South America
FujitsuComponentsAmerica,Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax:(1-408)745-4970
Email:components@us.fujitsu.com
Web:http://www.fujitsu.com/us/services/edevices/components/
Europe
FujitsuComponentsEuropeB.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax:(31-23)5560950
Email:info@fceu.fujitsu.com
Web:emea.fujitsu.com/components/
Asia Pacific
FujitsuComponentsAsiaLtd.
102EPasirPanjangRoad
#01-01CitilinkWarehouseComplex
Singapore 118529
Tel: (65) 6375-8560
Fax:(65)6273-3021
Email:fcal@fcal.fujitsu.com
Web:http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2008FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective
owners.
FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour
productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice.
Rev. January 18, 2008.


Similar Part No. - RY-12W-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
RY-12W-K LITEON-RY-12W-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results

Similar Description - RY-12W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com