Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ-12HS-K Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MZ-12HS-K
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MZ-12HS-K Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  MZ-12HS-K Datasheet HTML 1Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 2Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 3Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 4Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 5Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 6Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 7Page - Fujitsu Component Limited. MZ-12HS-K Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MZ SERIES
n
DIMENSIONS
MZ (F) type (Flux free type)
MZ (F)-K type (Plastic sealed type)
l
Dimensions
l
Schematics
(Bottom View)
l
PC board mounting
hole layout
(Bottom View)
Unit: mm


Similar Part No. - MZ-12HS-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ-10D ETC-MZ-10D Datasheet
132Kb / 1P
   EM Tooth Clutch
MZ-10W ETC-MZ-10W Datasheet
132Kb / 1P
   EM Tooth Clutch
MZ-160 ETC-MZ-160 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ-16D ETC-MZ-16D Datasheet
132Kb / 1P
   EM Tooth Clutch
More results

Similar Description - MZ-12HS-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com