Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZF-12DHS-K Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MZF-12DHS-K
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MZF-12DHS-K Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MZF-12DHS-K Datasheet HTML 1Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 2Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 3Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 4Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 5Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 6Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 7Page - Fujitsu Component Limited. MZF-12DHS-K Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MZ SERIES
Type
Compliance
Contact rating
UL
UL 508
UL 60950-1
E 45026
Flammability: UL 94-V0 (plastics)
[1A]
0.5A, 120VAC (resistive)
1A, 24VDC (resistive)
[2A]
1A, 120VAC (resistive)
2A, 30VDC (resistive)
CSA
C22.2 No. 14
LR 35579
n
SAFETY STANDARDS AND FILE NUMBERS
Item
Single
Isolation (initial)
Minimum 100 MΩ (at 500VDC)
Dielectric
Strength
open contacts
Standard: 500VAC 1 min., High isolation: 1,000VAC 1 min.
coil and contacts
Standard: 500VAC 1 min., High isolation: 1,500VAC 1 min.
Surge Voltage
1500V (coil-contact) (1/40 µs standard wave)
n
INSULATION
n
CHARACTERISTIC DATA
0.1
0.3
0.5


Similar Part No. - MZF-12DHS-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZFA0024010A ETC1-MZFA0024010A Datasheet
104Kb / 2P
   Miniature Relays Series M Type MZ 2 poles 10A Monostable
MZFA0024110A ETC1-MZFA0024110A Datasheet
104Kb / 2P
   Miniature Relays Series M Type MZ 2 poles 10A Monostable
MZFA0024210A ETC1-MZFA0024210A Datasheet
104Kb / 2P
   Miniature Relays Series M Type MZ 2 poles 10A Monostable
MZFA0024310A ETC1-MZFA0024310A Datasheet
104Kb / 2P
   Miniature Relays Series M Type MZ 2 poles 10A Monostable
MZFA0024410A ETC1-MZFA0024410A Datasheet
104Kb / 2P
   Miniature Relays Series M Type MZ 2 poles 10A Monostable
More results

Similar Description - MZF-12DHS-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com