Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM5-3C90-A160 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # RM5-3C90-A160
Description  RM, RM/I, RM/ILP cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM5-3C90-A160 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  RM5-3C90-A160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM5-3C90-A160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM5-3C90-A160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM5-3C90-A160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM5-3C90-A160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM5-3C90-A160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM5-3C90-A160 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2008 Sep 01
4
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM5/I
COIL FORMERS
General data SMD coil former
Winding data and area product for RM5/I coil former (SMD)
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0” ; UL file number E41429 (M)
Solder pad material
copper-clad steel, tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
NUMBER OF
SOLDER
PADS
WINDING
AREA
(mm2)
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
8
9.5
4.7
24.9
236
CSVS-RM5-1S-8P
handbook, full pagewidth
∅ 5.9 0
−0.1
6.1
0
−0.1
∅ 10.1 0
−0.15
∅ 5 +0.1
0
8.65 max.
0.3
0.9
3.75
11.25
14.15 max.
1
2
1.8
14.9 max.
0.45
4.7
min.
11.2
2.8
2
3.75
CBW512
Fig.2 SMD coil former for RM5/I.
Dimensions in mm.


Similar Part No. - RM5-3C90-A160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3D3 FERROXCUBE-RM5-3D3 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E100 FERROXCUBE-RM5-3D3-E100 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E63 FERROXCUBE-RM5-3D3-E63 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3H3 FERROXCUBE-RM5-3H3 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM5-3C90-A160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com