Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM6S-3D3-E100 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # RM6S-3D3-E100
Description  RM, RM/I, RM/ILP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM6S-3D3-E100 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  RM6S-3D3-E100 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 7Page - Ferroxcube International Holding B.V. RM6S-3D3-E100 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008 Sep 01
1208
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM6S
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.863
mm−1
Ve
effective volume
840
mm3
Ie
effective length
27.3
mm
Ae
effective area
31.0
mm2
Amin
minimum area
23.8
mm2
m
mass of set
≈ 5.1
g
handbook, halfpage
CBW296
2.8
12.4
±0.1
10.35
±0.2
2.3
M1.7
>8.4
8 +
0.4
0
∅3 +0.1
0
∅12.4 +0.5
0
14.7
0
−0.6
8.2
0
−0.4
17.9
0
−0.7
∅6.4 0
−0.2
Fig.1 RM6S core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 40
±20 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
(WITH NUT)
TYPE NUMBER
(WITHOUT NUT)
3D3
63
±3%
≈ 44
≈ 850
RM6S-3D3-E63/N
RM6S-3D3-E63
100
±3%
≈ 70
≈ 460
RM6S-3D3-E100/N
RM6S-3D3-E100
160
±3%
≈ 112
≈ 250
RM6S-3D3-A160/N
RM6S-3D3-A160
950
±25%
≈ 670
≈ 0
RM6S-3D3
3H3
160
±3%
≈ 112
≈ 280
RM6S-3H3-A160/N
RM6S-3H3-A160
250
±3%
≈ 175
≈ 160
RM6S-3H3-A250/N
RM6S-3H3-A250
315
±3%
≈ 221
≈ 120
RM6S-3H3-A315/N
RM6S-3H3-A315
400
±3%
≈ 280
≈ 90
RM6S-3H3-A400/N
RM6S-3H3-A400
2100
±25%
≈ 1470
≈ 0
RM6S-3H3


Similar Part No. - RM6S-3D3-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM6S-3D3-A160 FERROXCUBE-RM6S-3D3-A160 Datasheet
108Kb / 10P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-A250 FERROXCUBE-RM6S-3D3-A250 Datasheet
108Kb / 10P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-A315 FERROXCUBE-RM6S-3D3-A315 Datasheet
108Kb / 10P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM6S-3D3-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com