Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C513JI-90 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X28C513JI-90
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C513JI-90 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X28C513JI-90 Datasheet HTML 7Page - Xicor Inc. X28C513JI-90 Datasheet HTML 8Page - Xicor Inc. X28C513JI-90 Datasheet HTML 9Page - Xicor Inc. X28C513JI-90 Datasheet HTML 10Page - Xicor Inc. X28C513JI-90 Datasheet HTML 11Page - Xicor Inc. X28C513JI-90 Datasheet HTML 12Page - Xicor Inc. X28C513JI-90 Datasheet HTML 13Page - Xicor Inc. X28C513JI-90 Datasheet HTML 14Page - Xicor Inc. X28C513JI-90 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
X28C512/X28C513
11
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(2)
Power-up to Read Operation
100
µs
tPUW(2)
Power-up to Write Operation
5
ms
3856 PGM T05
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(2)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(2)
Input Capacitance
10
pF
VIN = 0V
3856 PGM T06.1
ENDURANCE AND DATA RETENTION
Parameter
Min.
Max.
Units
Endurance
10,000
Cycles Per Byte
Endurance
100,000
Cycles Per Page
Data Retention
100
Years
3856 PGM T07.1
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3856 PGM T07.1
Note:
(2) This parameter is periodically sampled and not 100%
tested.
EQUIVALENT A.C. LOAD CIRCUIT
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
3856 FHD F15.3
5V
1.92K
100pF
OUTPUT
1.37K
MODE SELECTION
CE
OE
WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and
High Z
Standby
Write Inhibit
X
L
X
Write Inhibit
X
X
H
Write Inhibit
3856 PGM T08


Similar Part No. - X28C513JI-90

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28C513JI-12 RENESAS-X28C513JI-12 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C513JI-12T1 INTERSIL-X28C513JI-12T1 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C513JI-15 INTERSIL-X28C513JI-15 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C513JI-15 INTERSIL-X28C513JI-15 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C513JI-15 RENESAS-X28C513JI-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C513JI-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com