Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ-B12SE-KHV-UC Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # LZ-B12SE-KHV-UC
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZ-B12SE-KHV-UC Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  LZ-B12SE-KHV-UC Datasheet HTML 1Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 2Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 3Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 4Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 5Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 6Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 7Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 8Page - Fujitsu Component Limited. LZ-B12SE-KHV-UC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
LZ SERIES
n
SPECIFICATIONS
LZ-()Type(StandardType)
10 A Type
5 A Type
3 A Type
1 A Type
Item
LZ-()V LZ-( )VM LZ-( )H, LZ-( )HE
LZ( ), LZ-( )E
LZ-( )W
Contact
Arrangement 1formA(SPST-NO)or1formC(SPDT)
Material
Silveralloy
(containscadmium)
Configuration
Single
Single (crossbar)
Bifurcated (crossbar)
Resistance(initial)(at1A6VDC)
Rating(resistive)10A120VAC/24VDC5A120VAC/24VDC3A120VAC/30VDC1A120VAC/30VDC
1/4HP120VAC1/8HP120VAC1/10HP120VAC
MaximumCarryingCurrent
10A5A
1A
MaximumSwitchingPower
MaximumSwitchingVoltage
250VAC,150VDC
MaximumSwitchingCurrent
10A5A
3A 1A
MinimumSwitchingLoad*1
100mA5VDC10mA5VDC(LZ-H)
10 mA 5 VDC (LZ-)
0.1 mA 100 mVDC
100mA5VDC(LZ-HE)100mA5VDC(LZ-E)
Coil
NominalPower(at20°C)
450to600mW
OperatePower(at20°C)290to390mW
170to220mW
OperatingTemperature
–30°Cto+70°C(nofrost)(refertotheCHARATERISTICDATA)
TimeValue Operate(atnominalvoltage) Maximum7ms
Release(atnominalvoltage) Maximum4ms
Life
Mechanical2x107operationsminimum
Electrical
1x105operationsminimum(contactrating)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.3 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 3.3 mm)
ShockMisoperation
100m/s2(11±1ms)
ResistanceEndurance
1,000m/s2(6±1ms)
Weight
Approximately 7.7g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditions
and expected reliability levels.
Goldoverlaysilveralloy
Silveralloy(LZ-HE,E)
Goldoverlay
silver-palladium
1,680VA,240W 960VA,120W 600VA,90W 190VA,30W
Max. 50 mΩ
Maximum 100 mΩ (LZ-HE, E)
Maximum 70 mΩ (LZ-H,LZ)
Maximum 100 mΩ


Similar Part No. - LZ-B12SE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-B12HMSE-CHV-UC LITEON-LZ-B12HMSE-CHV-UC Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12HMSE-CHV-UC LITEON-LZ-B12HMSE-CHV-UC Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12HMSE-KHV-UC LITEON-LZ-B12HMSE-KHV-UC Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12HMSE-KHV-UC LITEON-LZ-B12HMSE-KHV-UC Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12VMSE-CHV-UC LITEON-LZ-B12VMSE-CHV-UC Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-B12SE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Fujitsu Component Limit...
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com