Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM6R-3H3-A400 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # RM6R-3H3-A400
Description  RM, RM/I, RM/ILP cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM6R-3H3-A400 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  RM6R-3H3-A400 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
1203
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM6R
INDUCTANCE ADJUSTER
General data
PARAMETER
SPECIFICATION
Material of head
and thread
polypropylene (PP),
glass fibre reinforced
Maximum operating
temperature
125
°C
handbook, halfpage
MGC079
9.5
3.4
M 1.7
3.13
O
0.07
0
2.4
min
0.7
Fig.2 RM6R inductance adjuster.
Dimensions in mm.
Inductance adjuster selection chart
(applies to all types)
Note
1.
Maximum adjustment range.
GRADE
AL
(nH)
TYPES FOR LOW
ADJUSTMENT
∆L/L(1)
%
TYPES FOR MEDIUM
ADJUSTMENT
∆L/L(1)
%
TYPES FOR HIGH
ADJUSTMENT
∆L/L(1)
%
3H3
40
−−
ADJ-RM6-GREEN
20
63
−−
ADJ-RM6-GREEN
14
ADJ-RM6-RED
22
100 ADJ-RM6-GREEN
10
ADJ-RM6-RED
16
−−
160 ADJ-RM6-GREEN
6
ADJ-RM6-RED
10
ADJ-RM6-WHITE
19
200 ADJ-RM6-RED
8
ADJ-RM6-WHITE
15
ADJ-RM6-VIOLET
18
250 ADJ-RM6-WHITE
12
ADJ-RM6-VIOLET
14
ADJ-RM6-BROWN
20
315 ADJ-RM6-WHITE
9
ADJ-RM6-BROWN
15
ADJ-RM6-BLACK
22
400 ADJ-RM6-VIOLET
8
ADJ-RM6-BLACK
16
ADJ-RM6-GREY
30
630 ADJ-RM6-BLACK
9
ADJ-RM6-GREY
15
−−
1000 ADJ-RM6-BLACK
5
ADJ-RM6-GREY
8
−−
1250
−−
ADJ-RM6-GREY
5
−−
3D3
40
−−
ADJ-RM6-GREEN
20
63
−−
ADJ-RM6-GREEN
14
ADJ-RM6-RED
23
100 ADJ-RM6-GREEN
9
ADJ-RM6-RED
16
ADJ-RM6-WHITE
28
160 ADJ-RM6-RED
10
ADJ-RM6-WHITE
17
−−


Similar Part No. - RM6R-3H3-A400

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RM6 SUMIDA-RM6 Datasheet
203Kb / 1P
   xDSL POTs Splitter< Pin Type: RM Series>
logo
EPCOS
RM6 EPCOS-RM6 Datasheet
78Kb / 5P
   ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
logo
FERYSTER Inductive Comp...
RM6-K-12P FERYSTER-RM6-K-12P Datasheet
295Kb / 1P
   Polyamide PA66 of type p6g
RM6-K-6P-DS FERYSTER-RM6-K-6P-DS Datasheet
99Kb / 1P
   PHENOLIC PM9630
RM6-K-6P-SS FERYSTER-RM6-K-6P-SS Datasheet
739Kb / 1P
   RM Bobbins
More results

Similar Description - RM6R-3H3-A400

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com