Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G00GV Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1G00GV
Description  2-input NAND gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G00GV Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G00GV Datasheet HTML 2Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 3Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 9Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AHC_AHCT1G00_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 30 May 2007
6 of 11
NXP Semiconductors
74AHC1G00; 74AHCT1G00
2-input NAND gate
12. Waveforms
Measurement points are given in Table 9.
Fig 5.
The inputs (A and B) to output (Y) propagation delays
mna106
A, B input
Y output
tPHL
tPLH
VM
VM
Table 9.
Measurement point
Type
Input
Output
VI
VM
VM
74AHC1G00
GND to VCC
0.5
× VCC
0.5
× VCC
74AHCT1G00
GND to 3.0 V
1.5 V
0.5
× VCC
Test data is given in Table 8. Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
DUT


Similar Part No. - 74AHC1G00GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G00GV PHILIPS-74AHC1G00GV Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Nexperia B.V. All right...
74AHC1G00GV NEXPERIA-74AHC1G00GV Datasheet
212Kb / 11P
   2-input NAND gate
Rev. 9 - 10 January 2022
74AHC1G00GV-Q100 NEXPERIA-74AHC1G00GV-Q100 Datasheet
709Kb / 12P
   2-input NAND gate
74AHC1G00GV-Q100 NEXPERIA-74AHC1G00GV-Q100 Datasheet
210Kb / 11P
   2-input NAND gate
Rev. 4 - 10 January 2022
More results

Similar Description - 74AHC1G00GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com