Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM10-3C81-E160 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # RM10-3C81-E160
Description  RM, RM/I, RM/ILP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM10-3C81-E160 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  RM10-3C81-E160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 7Page - Ferroxcube International Holding B.V. RM10-3C81-E160 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008 Sep 01
2
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM10/I
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.462
mm−1
Ve
effective volume
4310
mm3
Ie
effective length
44.6
mm
Ae
effective area
96.6
mm2
Amin
minimum area
89.1
mm2
m
mass of set
≈ 22
g
handbook, halfpage
MGC097
24.7
0
1.1
5.1
± 0.1
13.5
0
0.5
10.9
28.5
0
1.3
10.9
0
0.4
O
12.4
0.6
0
18.6
0.1
21.2
0.9
0
O
16.2
0.25
Fig.1 RM10/I core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 60
±20 N.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 60
±20 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3D3
315
±3%
≈ 116
≈ 380
RM10/I-3D3-A315
400
±5%
≈ 147
≈ 280
RM10/I-3D3-A400
630
±8%
≈ 232
≈ 140
RM10/I-3D3-A630
1900
±25%
≈ 700
≈ 0
RM10/I-3D3
3H3
400
±3%
≈ 147
≈ 330
RM10/I-3H3-A400
630
±3%
≈ 232
≈ 190
RM10/I-3H3-A630
1000
±10%
≈ 367
≈ 110
RM10/I-3H3-A1000
4400
±25%
≈ 1620
≈ 0
RM10/I-3H3
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
160
±3%
≈ 59
≈ 980
RM10/I-3C81-E160
250
±3%
≈ 92
≈ 570
RM10/I-3C81-A250
315
±3%
≈ 116
≈ 430
RM10/I-3C81-A315
400
±3%
≈ 147
≈ 330
RM10/I-3C81-A400
630
±3%
≈ 232
≈ 190
RM10/I-3C81-A630
5500
±25%
≈ 2020
≈ 0
RM10/I-3C81


Similar Part No. - RM10-3C81-E160

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
RM10-K-12P-CSV FERYSTER-RM10-K-12P-CSV Datasheet
126Kb / 1P
   PHOSPHOR BRONZE
RM10-K-12P-SS FERYSTER-RM10-K-12P-SS Datasheet
109Kb / 1P
   PHOSPHOR BRONZE
logo
RAYEX ELECTRONICS CO., ...
RM10-L1A110 RAYEX-RM10-L1A110 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM10-L1D12 RAYEX-RM10-L1D12 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM10-L1D24 RAYEX-RM10-L1D24 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
More results

Similar Description - RM10-3C81-E160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com