Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM10-3C81-A250 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # RM10-3C81-A250
Description  RM, RM/I, RM/ILP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM10-3C81-A250 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  RM10-3C81-A250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 7Page - Ferroxcube International Holding B.V. RM10-3C81-A250 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2008 Sep 01
5
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM10/I
COIL FORMER
General data
Winding data and area product for RM10 coil former (DIL)
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephtalate (PBT), glass-reinforced, flame retardant
in accordance with UL 94V-0; UL file number E45329(R)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60 068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60 068-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
AVERAGE
LENGTH OF
TURN
(mm)
WINDING
AREA
(mm2)
WINDING
WIDTH
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
52
44.2
10.0
4270
CPV-RM10-1S-12PD
handbook, full pagewidth
CBW528
2.54
3.2
4.3
∅1
0.3
3.1
1.2
0.7
(10 min. )
21.9 33
3.81
3.81
3.81
3.81
27.94 13.8
23.3
3
5.08
11.1 +
0.2
0
1.6 +
0.15
0
1.3 +
0.15
0
∅12.5 0
−0.2
∅21 0
−0.2
12.2
0
−0.2
3.45
0
− 0.1
Fig.2 RM10/I coil former (DIL).
Dimensions in mm.


Similar Part No. - RM10-3C81-A250

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
RM10-K-12P-CSV FERYSTER-RM10-K-12P-CSV Datasheet
126Kb / 1P
   PHOSPHOR BRONZE
RM10-K-12P-SS FERYSTER-RM10-K-12P-SS Datasheet
109Kb / 1P
   PHOSPHOR BRONZE
logo
RAYEX ELECTRONICS CO., ...
RM10-L1A110 RAYEX-RM10-L1A110 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM10-L1D12 RAYEX-RM10-L1D12 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM10-L1D24 RAYEX-RM10-L1D24 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
More results

Similar Description - RM10-3C81-A250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com