Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1TD Datasheet(PDF) 1 Page - Schurter Inc.

Part # D1TD
Description  Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

D1TD Datasheet(HTML) 1 Page - Schurter Inc.

  D1TD Datasheet HTML 1Page - Schurter Inc. D1TD Datasheet HTML 2Page - Schurter Inc. D1TD Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
DTD
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
NF C 93-435 · 220VAC · Super-Time-Lag TT
Description
-LowBreakingCapacity
Standards
-UL248-14
-NFC93-435-ModelHA20
-ContrôledeConformitédeQualité(CCQ)
Approvals
-ULFileNumber:E42088
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
32-220VAC
RatedCurrent
0.031-15A
BreakingCapacity
40A-100A
Characteristic
Super-Time-LagTT
Mounting
Fuseholder/Clip
AdmissibleAmbientAirTemp. -40°Cto70°C
ClimaticCategory
40/070/56acc.toIEC60068-1
Material:Tube
Glass
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1.4g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
Type,HA20,Current,Characteristic
ResistancetoVibration
acc.toNFC20-706/IEC60068-2-6,
testFc
Shocks
acc.toNFC20-706/IEC60068-2-27
SaltMist
acc.toNFC20-711/IEC60068-2-11
Dimensions
20mm
 
20±0.5
Pre-Arcing Time
Rated Current In
. x In min. 2.0 x In max. 2. x In max. 3.0 x In min. 3.0 x In max. 5.0 x In min. 5.0 x In max.
0.0 x In
min.
0.031 A - 1.25 A
-
10 min
-
1 s
60 s
300 ms
10 s
30 ms
1.6 A - 15 A
-
-
10 min
1 s
60 s
300 ms
10 s
30 ms


Similar Part No. - D1TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D1TD SCHURTER-D1TD Datasheet
281Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
D1TD SCHURTER-D1TD_18 Datasheet
281Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
More results

Similar Description - D1TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D1TD SCHURTER-D1TD_18 Datasheet
281Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
00345031 SCHURTER-00345031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
D8TD SCHURTER-D8TD Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Time-Lag TT, NNO, 220 VAC
D8TD SCHURTER-D8TD_13 Datasheet
224Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Time-Lag TT, NNO, 220 VAC
D20TD SCHURTER-D20TD Datasheet
373Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
70103110 SCHURTER-70103110 Datasheet
449Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com