Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM14-3F3-A630 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # RM14-3F3-A630
Description  RM, RM/I, RM/ILP cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM14-3F3-A630 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  RM14-3F3-A630 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM14-3F3-A630 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM14-3F3-A630 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM14-3F3-A630 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM14-3F3-A630 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM14-3F3-A630 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM14-3F3-A630 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2008 Sep 01
4
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM14/I
COIL FORMERS
General data
Winding data and area product for 12-pins RM14/I coil former
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass reinforced, flame retardant in accordance
with “UL 94V-0”; UL file number E167521(M)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1
NUMBER
OF
SECTIONS
NUMBER
OF
PINS
PIN
POSITIONS
USED
AVERAGE
LENGTH
OF TURN
(mm)
WINDING
AREA
(mm2)
WINDING
WIDTH
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
110
1, 2, 3, 4, 6,
7, 9, 10, 11,
12
71
112
18.4
22200
CSV-RM14-1S-10P
1
12
all
71
112
18.4
22200
CSV-RM14-1S-12P
handbook, full pagewidth
CBW615
2.54
1.3
0.15
0
1
20.5
0
0.3
(18.35 min.)
0.75
∅0.8
6.2
∅16.8
0
0.1
∅28.8
0
0.3
12.7
22.86
33.02
3
4
5
2
1
6
7
8
9
10
11
12
19.4
15.2
0.2
0
1.3
0
0.1
Fig.2 RM14/I coil former; 12-pins.
Dimensions in mm.


Similar Part No. - RM14-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM14-3F3 FERROXCUBE-RM14-3F3 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3F35 FERROXCUBE-RM14-3F35 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM14-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com