Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC22.2223.111 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DC22.2223.111
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC22.2223.111 Datasheet(HTML) 1 Page - Schurter Inc.

  DC22.2223.111 Datasheet HTML 1Page - Schurter Inc. DC22.2223.111 Datasheet HTML 2Page - Schurter Inc. DC22.2223.111 Datasheet HTML 3Page - Schurter Inc. DC22.2223.111 Datasheet HTML 4Page - Schurter Inc. DC22.2223.111 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power Entry Modules with Line Filter
DC22
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
Standard- or Medical-Filter
C14
70° C
Description
-PanelMount:
Screw-onmountingonPCBfromrear-side
-3Functions:
ApplianceInletProtectionclassI,LineSwitch1-or2-pole,Linefilterin
standardandmedicalversion
-ForPCBmounting
-Alternative:versionwithoutlinefilterDC21
Approvals
-VDELicenseNumber:40001522
-ULLicenseNumber:E72928
Characteristics
-Ultra-compactdesign
-Allsingleelementsarealreadywired
-Lineswitchnon-illuminatedorilluminated
-WithEMC-shield
-Especiallysuitableforuseinswitchingpowersupplies
Idealforapplicationwithhightransientloads
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-FixingonPCBwithself-tappingscrews3mmorpre-insertednutsM3
-Otherrockermarking
-Illuminatedgreen
-MedicalversionM80
-CapacitanceCX1
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting;Groundterminal:
Quickconnectterminals6.3x0.8mm
angledtopinaxis
PanelThicknesss
Screw:max4mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineSwitch
Rockerswitch1or2pole,non-illumi-
natedorilluminatedred,acc.toIEC
61058-1
Technicaldetails
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>2'100'000hacc.toMIL-HB-217F


Similar Part No. - DC22.2223.111

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC22 SCHURTER-DC22 Datasheet
278Kb / 3P
   IEC Connector C15 for hot conditions, Rewireable, Angled
DC22 SCHURTER-DC22 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
logo
ITT Industries
DC22070 ITT-DC22070 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC22071 ITT-DC22071 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
Linear Integrated Syste...
DC2274 LINEAR-DC2274 Datasheet
903Kb / 2P
   SmartMesh IP Starter Kit
More results

Similar Description - DC22.2223.111

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DD22 SCHURTER-DD22_17 Datasheet
539Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD22 SCHURTER-DD22_V01 Datasheet
559Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
DD22 SCHURTER-DD22 Datasheet
712Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11 Datasheet
564Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
6010-K SCHURTER-6010-K Datasheet
429Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DD21 SCHURTER-DD21_V01 Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting,
08.12.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com