Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD22.9321.1111 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DD22.9321.1111
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DD22.9321.1111 Datasheet(HTML) 1 Page - Schurter Inc.

  DD22.9321.1111 Datasheet HTML 1Page - Schurter Inc. DD22.9321.1111 Datasheet HTML 2Page - Schurter Inc. DD22.9321.1111 Datasheet HTML 3Page - Schurter Inc. DD22.9321.1111 Datasheet HTML 4Page - Schurter Inc. DD22.9321.1111 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power Entry Modules with Line Filter
DD22
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
Fuse drawer must be ordered separately (see
accessories).
Standard- or Medical-Filter
C14
70° C
Description
-PanelMount:
Screw-onmountingonPCB,fromrear-side
-4Functions:
ApplianceInletProtectionclassI,LineSwitch2-pole,Fuseholderfor
fuse-links5x20mm1-or2-pole,Linefilterinstandardandmedical
version
-PCBsolderterminals
-Alternative:versionwithoutlinefilterDD21
Approvals
-VDELicenseNumber:40001522
-ULLicenseNumber:E72928
Characteristics
-Ultra-compactdesign.Idealforlowprofiledesigns
-Allsingleelementsarealreadywired
-Foraddedsafety"Extra-Safe"fusedrawersareavailable
FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1
Thefusedrawercanonlybeopenedwiththeaidofatool
Thefuseholderisaccessiblefromtheequipmentfront
-Idealforapplicationwithhightransientloads
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Fusedrawer1-pole,plussparefusecase
-Fusedrawer2-pole,withshortingbar
-Otherrockermarking
-Lineswitch,illuminated
-Lineswitch1-pole
-MedicalversionM80
-ProtectionclassII,70°C
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/250VAC;50/60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(1min/50Hz)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting3mmadditional
quickconnect6.3x0.8mm
PanelThicknesss
Screw-onmounting:max3mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1
UL498CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1or2pole,ShocksafecategoryPC2
acc.toIEC60127-6,
forfuse-links5x20mm
RatedPowerAcceptance@
Ta23°C
5x20:2W(1pole)/1.6W(2-pole)per
pole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
LineSwitch
Rockerswitch2-pole,non-illuminated,
acc.toIEC61058-1
Technicaldetails
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>2'000'000hacc.toMIL-HB-217F


Similar Part No. - DD22.9321.1111

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD22.2121.1111 SCHURTER-DD22.2121.1111 Datasheet
559Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
More results

Similar Description - DD22.9321.1111

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD22 SCHURTER-DD22_17 Datasheet
539Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD22 SCHURTER-DD22_V01 Datasheet
559Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
DD21 SCHURTER-DD21_V01 Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting,
08.12.2021
DD21 SCHURTER-DD21 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD21 SCHURTER-DD21_18 Datasheet
435Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12_18 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com