Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ-12HSE-HV-UC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # LZ-12HSE-HV-UC
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZ-12HSE-HV-UC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  LZ-12HSE-HV-UC Datasheet HTML 1Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 2Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 3Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 4Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 5Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 6Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 7Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 8Page - Fujitsu Component Limited. LZ-12HSE-HV-UC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
LZ SERIES
Item
10A
5A
3A
1A
Resistance(500VDC)
Min. 250 MΩ
Dielectric
strength
opencontacts
750 VAC 1min.
coilandcontacts 2,000 VAC 1 min.
Surgevoltage
Standard:4,000V,HighSurge:6,000V
1.2 x 50µs standard wave
n
INSULATION
LZ:Standardtype
Item
10A
5A
3A
Resistance(500VDC)
Min. 250 MΩ
Dielectric
strength
opencontacts
750 VAC 1min.
coilandcontacts 2,000 VAC 1 min.
Surgevoltage
Standard:4,000V,HighSurge:6,000V
1.2 x 50µs standard wave
LZ-()S:Highsensitivetype
n
SAFETY STANDARD AND FILE NUMBERS
Type
Compliance
Contactrating
UL
UL508
E56149,E45026
Flammability:UL94-V0(plastics)
[LZ-()W,LZ-()WS]
0.8A, 240VDC (resistive)
1A,120VAC/30VDC(resistive)
[LZ-(),LZ-()S]
2.5A, 240 VDC (resistive)
3A,120VAC/30VDC(resistive)
1/10HP,120VAC/2400VAC
Pilotduty:D150
[LZ-(),LZ-()S]
2.5A, 240 VAC (resistive)
3A,120VAC/30VDC(resistive)
1/10HP,120VAC/2400VAC
Pilotduty:D150
[LZ-()V]
7A,240VDC(resistive)
10A,120VAC/30VDC(resistive)
1/4HP,120VAC/2400VAC
CSA
C22.2 No. 14
LR35579
AlsocomplieswithSEV


Similar Part No. - LZ-12HSE-HV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-12HSE-HV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Fujitsu Component Limit...
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com