Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA35-CBD3M120C0 Datasheet(PDF) 1 Page - Schurter Inc.

Part # TA35-CBD3M120C0
Description  IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-CBD3M120C0 Datasheet(HTML) 1 Page - Schurter Inc.

  TA35-CBD3M120C0 Datasheet HTML 1Page - Schurter Inc. TA35-CBD3M120C0 Datasheet HTML 2Page - Schurter Inc. TA35-CBD3M120C0 Datasheet HTML 3Page - Schurter Inc. TA35-CBD3M120C0 Datasheet HTML 4Page - Schurter Inc. TA35-CBD3M120C0 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power entry modules without line filter
635
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
C14
70° C
Description
-PanelMount:
Snap-inversionfromfrontside
-2Functions:
ApplianceInlet,ProtectionclassI,CircuitbreakertypeTA35,2-pole
-Quickconnectterminal6.3x0.8mm
-Alternative:versionfor16A(20A)6136
-Substitutefortype7764
Approvals
-VDELicenseNumber:40023066
-ULLicenseNumber:E96454
Characteristics
-Unwired
-Switchnon-illuminatedorilluminated
Thermaloverloadprotection
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Pre-wiredversion
-Quick-connectterminals4.8x0.8mm
-ProtectionclassII,70°C
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-Stock-
Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>2.5kVACbetweenL-N
>3kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto60°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Snap-in1.5/2/2.5/3mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
CircuitBreakers
Acc.IEC/EN60934,UL1077,CSA
22.2no.235
2-polerockerswitch,illuminatedornon-
illuminated.
ConditionalshortcircuitInc:
2000A


Similar Part No. - TA35-CBD3M120C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-CBD3FJ10 SCHURTER-TA35-CBD3FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-CBD3HJ10 SCHURTER-TA35-CBD3HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-CBD3KJ10 SCHURTER-TA35-CBD3KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-CBD3M120C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6135 SCHURTER-6135_18 Datasheet
745Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
6135 SCHURTER-6135_V02 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
08.12.2021
6135 SCHURTER-6135_V01 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
DG11 SCHURTER-DG11_V01 Datasheet
847Kb / 8P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
08.12.2021
DG11 SCHURTER-DG11 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
DG12 SCHURTER-DG12 Datasheet
999Kb / 12P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA35 (recessed)
04.01.2022
6136_1809 SCHURTER-6136_1809 Datasheet
531Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_18 Datasheet
712Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136 Datasheet
536Kb / 5P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_V01 Datasheet
401Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com