Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC2G125GD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC2G125GD
Description  Dual buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC2G125GD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC2G125GD Datasheet HTML 3Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 4Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 5Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 6Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 7Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 8Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 9Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 10Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74AHC_AHCT2G125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 22 December 2008
7 of 15
NXP Semiconductors
74AHC2G125; 74AHCT2G125
Dual buffer/line driver; 3-state
[1]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
12. Waveforms
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-11-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Input (nA) to output (nY) propagation delays
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL


Similar Part No. - 74AHC2G125GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G125 PHILIPS-74AHC2G125 Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHC2G125 NEXPERIA-74AHC2G125 Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHC2G125-Q100 NEXPERIA-74AHC2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC2G125DC PHILIPS-74AHC2G125DC Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHC2G125DC NEXPERIA-74AHC2G125DC Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
More results

Similar Description - 74AHC2G125GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com