Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT2G32GD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT2G32GD
Description  Dual 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G32GD Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT2G32GD Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G32GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74AHC_AHCT2G32_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2009
4 of 13
NXP Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC2G32
74AHCT2G32
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC2G32
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
µA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF


Similar Part No. - 74AHCT2G32GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT2G32 PHILIPS-74AHCT2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Nexperia B.V. All right...
74AHCT2G32 NEXPERIA-74AHCT2G32 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 4 - 18 December 2018
74AHCT2G32-Q100 NEXPERIA-74AHCT2G32-Q100 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 3 - 18 December 2018
logo
NXP Semiconductors
74AHCT2G32DC PHILIPS-74AHCT2G32DC Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Nexperia B.V. All right...
74AHCT2G32DC NEXPERIA-74AHCT2G32DC Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 4 - 18 December 2018
More results

Similar Description - 74AHCT2G32GD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com