Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT3G14DC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT3G14DC
Description  Inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT3G14DC Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT3G14DC Datasheet HTML 1Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74AHC_AHCT3G14_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
4 of 16
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Inverting Schmitt trigger
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly at 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly at 8 mW/K.
For XSON8U packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
10. Recommended operating conditions
11. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < V
O <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC3G14
74AHCT3G14
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC3G14
VOH
HIGH-level
output voltage
VI = VT+ or VT−
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.70
-
V


Similar Part No. - 74AHCT3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT3G14DC PHILIPS-74AHCT3G14DC Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHCT3G14DC NEXPERIA-74AHCT3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHCT3G14DC-Q100 NEXPERIA-74AHCT3G14DC-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com