Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC125D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC125D
Description  Quad buffer/line driver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC125D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC125D Datasheet HTML 4Page - NXP Semiconductors 74ALVC125D Datasheet HTML 5Page - NXP Semiconductors 74ALVC125D Datasheet HTML 6Page - NXP Semiconductors 74ALVC125D Datasheet HTML 7Page - NXP Semiconductors 74ALVC125D Datasheet HTML 8Page - NXP Semiconductors 74ALVC125D Datasheet HTML 9Page - NXP Semiconductors 74ALVC125D Datasheet HTML 10Page - NXP Semiconductors 74ALVC125D Datasheet HTML 11Page - NXP Semiconductors 74ALVC125D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74ALVC125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 January 2008
8 of 13
NXP Semiconductors
74ALVC125
Quad buffer/line driver; 3-state
12. Package outline
Fig 9.
Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74ALVC125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC125D PHILIPS-74ALVC125D Datasheet
82Kb / 16P
   Quad buffer/line driver; 3-state
2002 Nov 18
logo
Nexperia B.V. All right...
74ALVC125D NEXPERIA-74ALVC125D Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
74ALVC125D-Q100 NEXPERIA-74ALVC125D-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
More results

Similar Description - 74ALVC125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com