Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZG-12HM Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # LZG-12HM
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZG-12HM Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  LZG-12HM Datasheet HTML 1Page - Fujitsu Component Limited. LZG-12HM Datasheet HTML 2Page - Fujitsu Component Limited. LZG-12HM Datasheet HTML 3Page - Fujitsu Component Limited. LZG-12HM Datasheet HTML 4Page - Fujitsu Component Limited. LZG-12HM Datasheet HTML 5Page - Fujitsu Component Limited. LZG-12HM Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
LZG SERIES
DISCONTINUED
s CHARACTERISTIC AND REFERENCE DATA
Please see LZ relays.
s DIMENSIONS
q Dimensions
q Schematics
(BOTTOM VIEW)
q PC board mounting
hole layout
(BOTTOM VIEW)
LZG-M type
LZG-M-K, LZG-M-C type (Plastic sealed type)
Dotted line : Seal tape (LZG-M-C Type)
LZG type
LZG-K, LZG-C type (Plastic sealed type)
Dotted line : Seal tape (LZG-C type)
Unit: mm


Similar Part No. - LZG-12HM

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LZG1 HONEYWELL-ACC-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZG1 ETC1-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Similar Description - LZG-12HM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com