Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G17 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G17
Description  Low-power Schmitt trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G17 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G17 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74AUP1G17_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 10 July 2009
2 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G17GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74AUP1G17GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G17GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP1G17GW
pJ
74AUP1G17GM
pJ
74AUP1G17GF
pJ
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mnb150
AY
2
4
24
mnb151
Fig 3.
Logic diagram
mnb152
A
Y


Similar Part No. - 74AUP1G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
More results

Similar Description - 74AUP1G17

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G17 NEXPERIA-74AXP1G17 Datasheet
805Kb / 17P
   Low-power Schmitt trigger
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17_15 Datasheet
240Kb / 24P
   Low-power Schmitt trigger
Rev. 8-15 January 2015
74AXP1G17 PHILIPS-74AXP1G17_15 Datasheet
196Kb / 17P
   Low-power Schmitt trigger
Rev. 1-6 September 2014
logo
Nexperia B.V. All right...
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com