Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G19GM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1G19GM
Description  Low-power 1-of-2 decoder/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G19GM Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G19GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74AUP1G19_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 August 2008
3 of 17
NXP Semiconductors
74AUP1G19
Low-power 1-of-2 decoder/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 2.
Pin configuration SOT363
(SC-88)
Fig 3.
Pin configuration SOT886
(XSON6)
Fig 4.
Pin configuration SOT891
(XSON6)
74AUP1G19
A1Y
GND
E2Y
001aai072
1
2
3
6
VCC
5
4
74AUP1G19
GND
001aai073
A
E
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74AUP1G19
GND
001aai074
A
E
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
A
1
data input
GND
2
ground (0 V)
E
3
enable input (active LOW)
2Y
4
data output (complement)
VCC
5
supply voltage
1Y
6
data output (true)
Table 4.
Function table[1]
Input
Output
E
A
1Y
2Y
LLLH
L
HHL
HL
HH
HHHH


Similar Part No. - 74AUP1G19GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G19GM NEXPERIA-74AUP1G19GM Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results

Similar Description - 74AUP1G19GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com