Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G74DC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G74DC
Description  Low-power D-type flip-flop with set and reset; positive-edge trigger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G74DC Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G74DC Datasheet HTML 1Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 2Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 3Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 4Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 5Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 6Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 7Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 8Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
74AUP1G74_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 June 2008
2 of 24
NXP Semiconductors
74AUP1G74
Low-power D-type flip-flop with set and reset; positive-edge trigger
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G74DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AUP1G74GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74AUP1G74GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74AUP1G74GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code
74AUP1G74DC
p74
74AUP1G74GT
p74
74AUP1G74GD
p74
74AUP1G74GM
p74
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah725
RD
FF
SD
Q
Q
Q
Q
SD
CP
CP
D
D
RD
001aah726
C1
S
1D
R


Similar Part No. - 74AUP1G74DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G74DC PHILIPS-74AUP1G74DC Datasheet
112Kb / 23P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 01-25 August 2006
logo
Nexperia B.V. All right...
74AUP1G74DC NEXPERIA-74AUP1G74DC Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
74AUP1G74DC-Q100 NEXPERIA-74AUP1G74DC-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
More results

Similar Description - 74AUP1G74DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
logo
NXP Semiconductors
74AUP1G74 PHILIPS-74AUP1G74 Datasheet
112Kb / 23P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 01-25 August 2006
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com