Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1T34GF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1T34GF
Description  Low-power dual supply translating buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T34GF Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1T34GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74AUP1T34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 December 2006
2 of 19
NXP Semiconductors
74AUP1T34
Low-power dual supply translating buffer
3.
Ordering information
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1T34GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74AUP1T34GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1T34GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74AUP1T34GW
pQ
74AUP1T34GM
pQ
74AUP1T34GF
pQ
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
001aac538
2A
4
Y
001aac537
24
001aac536
Y
A
Fig 4.
Pin configuration SOT353-1
(TSSOP5)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1T34
VCC(A)
VCC(Y)
A
GND
Y
001aad741
1
2
3
5
4
74AUP1T34
A
001aad740
VCC(A)
GND
n.c.
VCC(Y)
Y
Transparent top view
2
3
1
5
4
6
74AUP1T34
A
001aad832
VCC(A)
GND
n.c.
VCC(Y)
Y
Transparent top view
2
3
1
5
4
6


Similar Part No. - 74AUP1T34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34GM NEXPERIA-74AUP1T34GM Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GM-Q100 NEXPERIA-74AUP1T34GM-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AUP1T34GN NEXPERIA-74AUP1T34GN Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GS NEXPERIA-74AUP1T34GS Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GW NEXPERIA-74AUP1T34GW Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
More results

Similar Description - 74AUP1T34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
   Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
   Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
   Single supply translating buffer
Rev. 3 - 10 February 2022
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com