Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G386GM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUP1G386GM
Description  Low-power 3-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G386GM Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP1G386GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G386GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74AUP1G386_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2009
5 of 16
NXP Semiconductors
74AUP1G386
Low-power 3-input EXCLUSIVE-OR gate
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.75
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = −2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
40
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-
0.8
-
pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.7
-
pF


Similar Part No. - 74AUP1G386GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G386GM NEXPERIA-74AUP1G386GM Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results

Similar Description - 74AUP1G386GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com