Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1T57GW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1T57GW
Description  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T57GW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1T57GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 14Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74AUP1T57_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
11 of 17
NXP Semiconductors
74AUP1T57
Low-power configurable gate with voltage-level translator
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
2.3 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC


Similar Part No. - 74AUP1T57GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T57GW NEXPERIA-74AUP1T57GW Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
More results

Similar Description - 74AUP1T57GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com