Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM-130M7 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CIM-130M7
Description  Infrared IrDA Compliant Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CIM-130M7 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CIM-130M7 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
134
● ● ● ● ● ● ● ● ● ●
赤外線データ通信モジュール
CIM シリーズ
Infrared IrDA Compliant Transceiver
CIM Series
●製品コード/Product code
CIM - 51 M7 - T
IrDA モジュール共通番号
Common IrDA module number
シリーズ/Series
50:超小型、側面実装型、シールドケース付
Subminiature, side mounting type, with shielding case
51:超小型、側面実装型、シールドケース付
Subminiature, side mounting type, with shielding case
55:超小型、上面実装型
Subminiature, top mounting type
86:超小型、上面実装型
Subminiature, top mounting type
121:超小型、側面実装型、シールドケース付
Subminiature, side mounting type, with shielding case
123:超小型、側面実装型
Subminiature, side mounting type
130:超小型、側面実装型
Subminiature, side mounting type
131:超小型、側面実装型、シールドケース付
Subminiature, side mounting type, with shielding case
150:超小型、側面実装型
Subminiature, side mounting type
155:超小型、側面実装型
Subminiature, side mounting type
タイプ/Type
S7B,S12RV,S12R2,S13R,S11:SIR対応/SIR compatible
M7:MIR対応/MIR compatible
F7RV:FIR対応/FIR compatible
F7RV2:FIR対応/FIR compatible
納入形態/ Packing mode
T:テーピング/T:Taping
無記入/Non-coded:バルク包装/Bulk packing
●CIMシリーズセレクションガイド/CIM Series Selection Guide 
絶対最大定格/Absolute maximum rating
消費電力/Current drawn
電源電圧
Power supply
voltage
(V)
アイドル時
Idling
スタンバイ時
Standby
(μA)
ピークLED電流
Peak LED current
外形寸法
W×D×H
Dimensions
(mm)
通信スピード/
距離
Communications
speed/distance
対応規格
Corresponding
standard
製品名
Model
スペック
Specs.
ton<90T
ton<20%(mA)
動作電圧
Operating
voltage
(V)
CIM-51S12RV
R.C/VIO付き
115.2kbps
IrDA1.4
300
-0.2∼7.0
2.4∼3.6
113
μA
0.01
8.0×2.75×2.2
With R.C/VIO
20cm
SIRローパワー
CIM-55S12RV
115.2kbps
IrDA1.4
300
-0.2∼7.0
2.4∼3.6
113
μA
0.01
7.5×2.2×2.7
20cm
SIRローパワー
CIM-86S7B
上面発光
115.2kbps
IrDA1.4
100
-0.2∼7.0
2.4∼5.5
113
μA
0.01
6.9×2.05×2.3
Top face emmitting
20cm
SIR ローパワー
CIM-123S12R2
R.C/VIO付き
115.2kbps
IrDA1.4
300
-0.2∼7.0
2.4∼3.6
113
μA
0.01
6.7×2.6×1.5
With R.C/VIO
20cm
SIR ローパワー
CIM-123S13R
低電圧動作/Low operating voltage
115.2kbps
IrDA1.4
300
-0.2∼7.0
1.7∼2.2
87
μA
0.01
6.7×2.6×1.5
R.C付き/With R.C
20cm
SIR ローパワー
CIM-50M7
VIO付き
1.152Mbps
IrDA1.4
600
-0.5∼7.0
2.4∼3.6
445
μA
0.01
8.0×3.0×2.5
With VIO
20cm
MIRローパワー
CIM-51M7
VIO付き
1.152Mbps
IrDA1.4
600
-0.5∼7.0
2.4∼3.6
445
μA
0.01
8.0×2.9×2.2
With VIO
20cm
MIRローパワー
CIM-130M7
VIO付き
1.152Mbps
IrDA1.4
600
-0.5∼7.0
2.4∼3.6
445
μA
0.01
6.7×2.55×1.7
With VIO
20cm
MIRローパワー
CIM-131M7
VIO付き
1.152Mbps
IrDA1.4
600
-0.5∼7.0
2.4∼3.6
445
μA
0.01
6.8×2.4×1.65(MAX)
With VIO
20cm
MIRローパワー
CIM-121F7RV
R.C/VIO付き
4Mbps
IrDA1.4
400
-0.2∼7.0
2.4∼3.6
FIR時/At FIR:1mA
0.01
6.9×2.7×1.6
With VIO
20cm
FIRローパワー
SIR時/At SIR:550μA
CIM-150F7RV
R.C/VIO付き
4Mbps
IrDA1.4
400
-0.2∼0.7
2.4∼3.6
MIR/FIR時/At MIR/FIR:1mA
0.01
6.25×2.3×1.45
With R.C/VIO
20cm
FIRローパワー
SIR時/At SIR:450μA
CIM-155F7RV2
4Mbps
IrDA1.4
400
-0.2∼0.7
2.4∼3.6
MIR/FIR時/At MIR/FIR:1mA
0.01
6.25×2.3×1.65
20cm
FIRローパワー
SIR時/At SIR:450μA
特徴
Features
SIR low power
上面発光/Top face emmitting
R.C/VIO付き
With R.C/VIO
SIR low power
MIR low power
MIR low power
SIR low power
SIR low power
MIR low power
SIR low power
SIR low power
鉛フリー
Lead
Free
FIR low power
FIR low power
FIR low power
1. 小型サイズの赤外線データ通信モジュー
ルで、表面実装が可能です。
2. 全てのCIMシリーズ製品は、鉛フリー対応
製品です。
1. Miniature sized infrared data
communications module that permits
surface mounting.
2. All CIM series are lead free correspondence
products.
PC、PDA、プリンタ、携帯端末、デジタルカメ
ラ、その他。
Personal computers, PDA, printers, portable
terminals, and digital cameras, etc.
■ 用途/ Application
■ 特徴/ Features
上面発光/Top face emmitting
R.C/VIO付き
With R.C/VIO


Similar Part No. - CIM-130M7

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-130M7 CITIZEN-CIM-130M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
More results

Similar Description - CIM-130M7

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com