Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-150D Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-150D
Description  Mono-Color Upward-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-150D Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-150D Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41
● ● ● ● ● ● ● ● ● ● ●
上面発光・単色タイプ
CL-150 シリーズ
Mono-Color Upward-Lighting Type
CL-150 Series
●絶対最大定格/Absolute Maximum Rating
(Ta 25℃)
Pd
IF
IFP
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
※1
IFPの条件はduty 1/10 、パルス巾30msecです。
※1
Condition for IFP is pulse of 1/10 duty and 30msec width.
(
UR,HRを除く)
Except UR and HR
Product code
Lighting color
VF
λ
P
Δλ
IV※
IF
typ
max
typ
typ
IF
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
●電気的光学的特性/Electro-optical Characteristics
(Ta 25℃)
CL-150R
Red
20
2.2
2.6
700
100
20
0.5
1.3
CL-150D
Orange
20
2.2
2.6
605
40
20
2.4
7.1
CL-150Y
Yellow
20
2.1
2.6
589
40
20
2.6
6.4
CL-150YG
Yellow green
20
2.2
2.6
570
30
20
5
18
CL-150G
Green
20
2.2
2.6
567
26
20
2.5
10
CL-150FG
Fresh green
20
2.2
2.6
560
26
20
2.2
6.5
CL-150PG
Pure green
20
2.2
2.6
557
24
20
1
3
CL-150SR
20
2
2.6
650
40
20
1.5
4.3
CL-150SD
20
2
2.6
630
40
20
2
6.2
CL-150UR
20
1.8
2.6
660
20
20
3.5
13
CL-150HR
20
1.8
2.6
660
20
20
5
23
Super
brightness red
Super brightness
orange
Ultra
brightness red
High
brightness red
●外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
1.6
(0.8)
1.1
0.5
LED 素子
基板
樹脂
LED die
P.C. board
※UR•HRの場合
カソードマーク
Cathode mark
はんだ付け電極
極性
Polarity
Soldering terminal
Resin
※For UR and HR
リフローはんだ用
For reflow soldering
1.5
HR
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
° 10°
0
° 10° 20° 30°
40
°
指向特性
Directive Characteristics
全機種共通
Common to
all colors
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
SD
UR/HR
SR
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
SD
UR/HR
SR
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
T a (°C)
1
2
5
10
20
50
1.6
1.8
2.0
2.2
2.4
2.6
50
20
10
5
1
2
0.5
IF(
mA)
VF(V)
Iv-IF 特性
Iv-IF Characteristics
SD
UR
SR
1
2
5
10
20
50
50
20
10
5
1
2
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
SD
UR/HR
SR
1.6
1.8
2.0
2.2
2.4
2.6
VF(V)
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
- 20
0
20
40
60
80
100
30
25
20
15
5
10
IFmax-Ta 特性
IFmax-Ta Characteristics
CL-150UR•HR
CL-150シリーズ
CL-150Series
YG/G/FG/PG
Y
D
R
YG/G/FG/PG
Y
D
R
Y/FG
YG
PG
D
G
R
R/YG/G/FG
Y
D
PG
0
※NIST規格に準拠
※Per NIST standards
■ 諸特性/Characteristics
3.2(L)×1.6(W)×1.1(H)mm
● 標準サイズのチップLEDです。
● Standard size chip LED
発光色のラインアップにつきましては、発注時にお問い
合わせの上、ご確認ください。
Please contact us at the time of order for the lineup of
luminescent colors.
CL-150
65
25
100※1
5−25∼+80
−30∼+85
CL-150UR/HR
78
30


Similar Part No. - CL-150D

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-150D-CD-T CITIZEN-CL-150D-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-150D-XD-T CITIZEN-CL-150D-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
logo
List of Unclassifed Man...
CL-150DC ETC1-CL-150DC Datasheet
355Kb / 8P
   ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
CL-150DCD ETC1-CL-150DCD Datasheet
355Kb / 8P
   ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
CL-150DCDT ETC1-CL-150DCDT Datasheet
355Kb / 8P
   ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
More results

Similar Description - CL-150D

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-197 CITIZEN-CL-197 Datasheet
454Kb / 1P
   Mono-Color Upward-Lighting Type
CL-260 CITIZEN-CL-260 Datasheet
508Kb / 1P
   Mono-Color Upward-Lighting Type
CL-195 CITIZEN-CL-195 Datasheet
503Kb / 1P
   Mono-Color Upward-Lighting Type
CL-196 CITIZEN-CL-196 Datasheet
505Kb / 1P
   Mono-Color Upward-Lighting Type
CL-190 CITIZEN-CL-190 Datasheet
502Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198T CITIZEN-CL-198T_12 Datasheet
79Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198N CITIZEN-CL-198N Datasheet
84Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198S CITIZEN-CL-198S Datasheet
388Kb / 1P
   Mono-Color Upward-Lighting Type
CL-282S CITIZEN-CL-282S Datasheet
387Kb / 1P
   Mono-Color Upward-Lighting Type
CL-191 CITIZEN-CL-191 Datasheet
504Kb / 1P
   Mono-Color Upward-Lighting Type
CL-A100 CITIZEN-CL-A100 Datasheet
96Kb / 2P
   Mono-Color Upward-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com