Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6.3-3E6 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TC6.3-3E6
Description  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC6.3-3E6 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TC6.3-3E6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC6.3-3E6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC6.3-3E6 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1593
Ferroxcube
Ferrite toroids
TC6.3/3.8/2.5
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with parylene C, flame retardant in
accordance with “UL 94V-2”; UL file number E 194397.
The coating is transparent.
Maximum operating temperature is 90
°C.
Isolation voltage
DC isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
4.97
mm−1
Ve
effective volume
46.5
mm3
Ie
effective length
15.2
mm
Ae
effective area
3.06
mm2
m
mass of core
≈ 0.23
g
Fig.1 TC6.3/3.8/2.5 ring core.
Dimensions (uncoated) in mm.
handbook, halfpage
CBW194
3.8
±0.15
2.5
±0.15
(
≈12 µm)
6.3
±0.15
coating PARYLENE 'C'
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
4A11
177
± 25%
≈ 700(1)
1.
Old permeability specification maintained.
TC6.3/3.8/2.5-4A11
3F3
500
± 25%
≈ 2000
TC6.3/3.8/2.5-3F3
3E25
1390
± 30%
≈ 5500
TC6.3/3.8/2.5-3E25
3E5
2150
± 30%
≈ 8500
TC6.3/3.8/2.5-3E5
3E6
2530
± 30%
≈ 10000
TC6.3/3.8/2.5-3E6
3E7
3600
+ 30/− 40%
≈ 12000
TC6.3/3.8/2.5-3E7


Similar Part No. - TC6.3-3E6

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC6 TRUMPOWER-TC6 Datasheet
23Kb / 1P
   DC/DC CONVERTERS
logo
TiMOTION Technology Co....
TC6 TIMOTION-TC6 Datasheet
304Kb / 4P
   Over current protection
20141028-C
logo
Tumbler Technologies + ...
TC6-15D1205 TRUMPOWER-TC6-15D1205 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
TC6-15D1205 TRUMPOWER-TC6-15D1205 Datasheet
23Kb / 1P
   DC/DC CONVERTERS
TC6-15D1212 TRUMPOWER-TC6-15D1212 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
More results

Similar Description - TC6.3-3E6

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com