Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN10-4C65 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # TN10-4C65
Description  Ferrite toroids
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN10-4C65 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  TN10-4C65 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN10-4C65 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN10-4C65 Datasheet HTML 3Page - Ferroxcube International Holding B.V. TN10-4C65 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1621
Ferroxcube
Ferrite toroids
TN10/6/4
Properties of cores under power conditions
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f= 25 kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 400 kHz;
=50mT;
T = 100
°C
3C90
≥320
≤ 0.021
≤ 0.021
3F3
≥320
−≤ 0.03
≤ 0.04
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - TN10-4C65

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN10-3C20-A48 FERROXCUBE-TN10-3C20-A48 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN10-3C20-A66 FERROXCUBE-TN10-3C20-A66 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN10-3C20-A78 FERROXCUBE-TN10-3C20-A78 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN10-3C20-A84 FERROXCUBE-TN10-3C20-A84 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN10-3C20-A92 FERROXCUBE-TN10-3C20-A92 Datasheet
44Kb / 3P
   Gapped ferrite toroids
More results

Similar Description - TN10-4C65

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com