Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-365-TR2 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-365-TR2
Description  Multi-Color Side-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-365-TR2 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-365-TR2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
● ● ● ● ● ● ● ● ● ●
側面発光・マルチカラータイプ
CL-365 シリーズ
NEW
Multi-Color Side-Lighting Type
CL-365 Series
●外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
●絶対最大定格/Absolute Maximum Rating
(Ta 25℃)
P※1
Pd
IF
IFP
VR
Top
Tst
Series
Lighting color
(mW)
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
※1
Pは同時点灯時の全許容損失を示します。
※1
P means total value of power dissipation when both colors are on.
※2
IFPの条件はduty 1/10 、パルス巾30msecです。
※2
Condition for IFP is pulse of 1/10 duty and 30msec width.
■ 諸特性/Characteristics
2.4(L)×0.85(W)×0.35(H)mm
● 2色発光タイプのチップLEDです。
● 2-colored illuminated type chip LED
※1 NIST規格に準拠。/Compliant with NIST.
※2 色度座標は、a、b、c、dに囲まれた範囲です。/Chromaticity coordinates is surrounded with a,b,c,d.
●電気的光学的特性/Electro-optical Characteristics
(Ta 25℃)
Parameter
Lighting color
Symbol
Conditions
MIN
TYP
MAX
Unit
順電圧/
TR2
VF
IF=5mA
ー1.85
2.4
V
WS
2.9
3.15
逆電流/
TR2
IR
VR=5V
ーー
100
μA
Reverse Current
WS
2
光度/
TR2
IV
IF=5mA
712
mcd
Luminous Intensity※1
WS
75
105
ドミナント波長/Dominant Wavelength
TR2
λd
IF=5mA
630
nm
x(±0.02) y(±0.02)
a
0.255
0.195
色度座標/Chromaticity coordinates※2
x, y
IF=5mA
b
0.255
0.235
c
0.295
0.324
d
0.315
0.304
Forward Voltage
(1.025)
(0.35)
2.4
LED素子
/LED die
0.425
0.3
0.3
0.7
0.425
0.95
3-R0.15
はんだ付け電極
/Soldring terminal
基板
/P.C.board
樹脂
/Resin
極性/Polarity
(3)
(2)
(1)
(2)
(3)
(1)
リフローはんだ用
For reflow soldering
0.7
0.55
0.55
0.45
0.45
部品中心
Center
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
° 10°
0
° 10° 20° 30°
40
°
指向特性
Directive Characteristics
Iv-Ta 特性
Iv-Ta Characteristics
50
100
500
1000
10
- 20
0
20
40
60
80
100
T a (°C)
T a (°C)
- 20
0
20
40
60
80
100
3.8
3.6
3.4
3.2
2.8
3.0
VF-Ta 特性(WS)
VF-Ta Characteristics(WS)
T a (°C)
15
10
50
1000
100
10
1
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
1.6
2.0
2.4
VF(V)
50
20
10
5
1
100
IF-VF 特性(TR2)
IF-VF Characteristics(TR2)
IF-VF 特性(WS)
IF-VF Characteristics(WS)
- 20
0
20
40
60
80
100
15
20
25
30
5
0
10
IFmax-Ta 特性
IFmax-Ta Characteristics
IF=5mA
TR2
TR2
WS
WS
0
1.6
2.0
2.4
50
20
10
5
1
100
VF(V)
50
°
60
°
70
°
80
°
90
°
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性(TR2)
VF-Ta Characteristics(TR2)
T a (°C)
IF=5mA
CL-365
TR2
48
20
100※2
5−25∼+80 −30∼+85
WS
76
右記以外の発光色につきましてはお問い合わせください。
Please contact us for luminescent colors other than those
described at right.


Similar Part No. - CL-365-TR2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CL-30 AMPHENOL-CL-30 Datasheet
68Kb / 4P
   UL Approval (UL 1434 File# E82830)
CL-30 AMPHENOL-CL-30 Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-30 ETC-CL-30 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
KODENSHI_AUK CORP.
CL-304L KODENSHI-CL-304L Datasheet
192Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
List of Unclassifed Man...
CL-321 ETC-CL-321 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
More results

Similar Description - CL-365-TR2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-421 CITIZEN-CL-421 Datasheet
461Kb / 1P
   Multi-Color Side-Lighting Type
CL-422 CITIZEN-CL-422 Datasheet
469Kb / 1P
   Multi-Color Side-Lighting Type
CL-425 CITIZEN-CL-425_12 Datasheet
89Kb / 1P
   Multi-Color Side-Lighting Type
CL-385 CITIZEN-CL-385_12 Datasheet
86Kb / 1P
   Multi-Color Side-Lighting Type
CL-375 CITIZEN-CL-375_12 Datasheet
88Kb / 1P
   Multi-Color Side-Lighting Type
CL-375 CITIZEN-CL-375 Datasheet
457Kb / 1P
   Multi-Color Side-Lighting Type
CL-425 CITIZEN-CL-425 Datasheet
461Kb / 1P
   Multi-Color Side-Lighting Type
CL-385 CITIZEN-CL-385 Datasheet
457Kb / 1P
   Multi-Color Side-Lighting Type
CL-321 CITIZEN-CL-321 Datasheet
459Kb / 1P
   Multi-Color Upward-Lighting Type
CL-432F CITIZEN-CL-432F Datasheet
393Kb / 1P
   Mono-Color Side-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com