Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN13-3C90 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TN13-3C90
Description  Ferrite toroids
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN13-3C90 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TN13-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN13-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN13-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V. TN13-3C90 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1630
Ferroxcube
Ferrite toroids
TN13/7.5/5
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with polyamide 11 (PA11), flame
retardant in accordance with “UL 94V-2”; UL file number
E 45228 (M). The colour is white.
Maximum operating temperature is 160
°C.
Isolation voltage
DC isolation voltage: 1500 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
2.46
mm−1
Ve
effective volume
368
mm3
Ie
effective length
30.1
mm
Ae
effective area
12.2
mm2
m
mass of core
≈ 1.8
g
Fig.1 TN13/7.5/5 ring core.
Dimensions in mm.
handbook, halfpage
;;
;;
;;
;;
CBW313
6.8
±0.35
5.4
±0.3
coating PA11
(
≈0.3)
13.0
±0.35
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
4C65
64
± 25%
≈ 125
TN13/7.5/5-4C65
4A11
358
± 25%
≈ 700(1)
1.
Old permeability specification maintained.
TN13/7.5/5-4A11
3F4
460
± 25%
≈ 900
TN13/7.5/5-3F4
4A15
610
± 25%
≈ 1200
TN13/7.5/5-4A15
3F3
900
± 25%
≈ 1800
TN13/7.5/5-3F3
3C90
1170
± 25%
≈ 2300
TN13/7.5/5-3C90
3C11
2200
± 25%
≈ 4300
TN13/7.5/5-3C11
3E25
2810
± 30%
≈ 5500
TN13/7.5/5-3E25
3R1(2)
2.
Due to the rectangular BH-loop of 3R1, inductance values strongly depend on the magnetic state of the ring core and measuring
conditions. Therefore no AL value is specified. For the application in magnetic amplifiers AL is not a critical parameter.
−−
TN13/7.5/5-3R1
WARNING
Do not use 3R1 cores close to their mechanical resonant frequency. For more information refer to “3R1” material specification in this
data handbook.


Similar Part No. - TN13-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN13-3C20-A40 FERROXCUBE-TN13-3C20-A40 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN13-3C20-A56 FERROXCUBE-TN13-3C20-A56 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN13-3C20-A67 FERROXCUBE-TN13-3C20-A67 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN13-3C20-A72 FERROXCUBE-TN13-3C20-A72 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN13-3C20-A79 FERROXCUBE-TN13-3C20-A79 Datasheet
44Kb / 3P
   Gapped ferrite toroids
More results

Similar Description - TN13-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com