Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN16-3C90 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TN16-3C90
Description  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN16-3C90 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TN16-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN16-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN16-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1655
Ferroxcube
Ferrite toroids
TN16/9.6/6.3
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with polyamide 11 (PA11), flame
retardant in accordance with “UL 94V-2”; UL file number
E 45228 (M).
The colour is white.
Maximum operating temperature is 160
°C.
Isolation voltage
DC isolation voltage: 1500 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.95
mm−1
Ve
effective volume
760
mm3
Ie
effective length
38.5
mm
Ae
effective area
19.7
mm2
m
mass of core
≈ 3.8
g
Fig.1 TN16/9.6/6.3 ring core.
Dimensions in mm.
handbook, halfpage
;;
;;
;;
;;
CBW310
8.7
±0.4
6.8
±0.4
coating PA11
(
≈0.3)
16.7
±0.5
Ring core data
Properties of cores under power conditions
GRADE
AL
(nH)
µi
TYPE NUMBER
4A11
450
± 25%
≈ 700(1)
1.
Old permeability specification maintained.
TN16/9.6/6.3-4A11
3F3
1160
± 25%
≈ 1800
TN16/9.6/6.3-3F3
3C90
1480
± 25%
≈ 2300
TN16/9.6/6.3-3C90
3C11
2700
± 25%
≈ 4300
TN16/9.6/6.3-3C11
3E25
3540
± 30%
≈ 5500
TN16/9.6/6.3-3E25
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f= 25 kHz;
=200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
3C90
≥320
≤ 0.085
≤ 0.085
3F3
≥320
−≤ 0.09
≤ 0.15
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - TN16-3C90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN16 STMICROELECTRONICS-TN16 Datasheet
92Kb / 7P
   16A SCRs
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
   High temperature 16 A SCRs
February 2015 Rev 1
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1605H-6G-TR STMICROELECTRONICS-TN1605H-6G-TR Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
409Kb / 9P
   High temperature 16 A SCRs
May 2017 Rev 1
More results

Similar Description - TN16-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com