Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN16-3C90 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # TN16-3C90
Description  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN16-3C90 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  TN16-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN16-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN16-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Supersedes data of September 2004
2008 Sep 01
FERROXCUBE
TN16/9.6/6.3
Ferrite toroids


Similar Part No. - TN16-3C90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN16 STMICROELECTRONICS-TN16 Datasheet
92Kb / 7P
   16A SCRs
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
   High temperature 16 A SCRs
February 2015 Rev 1
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1605H-6G-TR STMICROELECTRONICS-TN1605H-6G-TR Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
409Kb / 9P
   High temperature 16 A SCRs
May 2017 Rev 1
More results

Similar Description - TN16-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com