Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN17-2P50 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TN17-2P50
Description  Iron powder toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN17-2P50 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TN17-2P50 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN17-2P50 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN17-2P50 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1892
Ferroxcube
Iron powder toroids
TN17/9.8/4.4
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with polyamide 11 (PA11), flame
retardant in accordance with “UL 94V-2”; UL file number
E 45228 (M).
The colour is white.
Maximum operating temperature is 160
°C.
Isolation voltage
DC isolation voltage: 1500 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
2.55
mm−1
Ve
effective volume
635
mm3
Ie
effective length
40.2
mm
Ae
effective area
15.8
mm2
m
mass of core
≈5g
Fig.1 TN17/9.8/4.4 ring core.
Dimensions in mm.
handbook, halfpage
;;
;;
;;
;;
CBW200
8.9
±0.3
4.8
±0.5
coating PA11
(0.3)
17.8
±0.3
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
2P40
20
±10%
≈40
TN17/9.8/4.4-2P40
2P50
25
±10%
≈50
TN17/9.8/4.4-2P50
2P65
32
±10%
≈65
TN17/9.8/4.4-2P65
2P80
40
±10%
≈80
TN17/9.8/4.4-2P80
2P90
42
+10/−15%
≈90
TN17/9.8/4.4-2P90


Similar Part No. - TN17-2P50

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN17-11-6.4 FERROXCUBE-TN17-11-6.4 Datasheet
44Kb / 3P
   Gapped ferrite toroids
More results

Similar Description - TN17-2P50

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN20-13-6 FERROXCUBE-TN20-13-6 Datasheet
45Kb / 3P
   Iron powder toroids
TN24-15-7.5 FERROXCUBE-TN24-15-7.5 Datasheet
46Kb / 3P
   Iron powder toroids
TN27-15-11 FERROXCUBE-TN27-15-11 Datasheet
46Kb / 3P
   Iron powder toroids
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
   Iron powder toroids
TN33-20-11 FERROXCUBE-TN33-20-11 Datasheet
46Kb / 3P
   Iron powder toroids
TN12-2P40 FERROXCUBE-TN12-2P40 Datasheet
47Kb / 3P
   Iron powder toroids
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
   Alloy powder toroids
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com