Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC211-PA20 Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC211-PA20
Description  Micro Stepping Stepper Motor Controller / Driver with LIN Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC211-PA20 Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC211-PA20 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC211-PA20 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
TMC211 DATASHEET (V. 1.04 / January 7, 2005)
Copyright © 2004-2005 TRINAMIC Motion Control GmbH & Co. KG
5.1.4
Vmax Parameter
The desired maximum velocity Vmax can be chosen from the table below:
Stepping Mode
Vmax
index
Vmax
[FS/s]
Vmax
group
Half-Step
Mode
[half-steps/s]
1/4 micro
stepping
[micro-steps/s]
1/8 micro
stepping
[micro-steps/s]
1/16 micro
stepping
[micro-steps/s]
0
99
A
197
395
790
1579
1
136
273
546
1091
2182
2
167
334
668
1335
2670
3
197
395
790
1579
3159
4
213
425
851
1701
3403
5
228
456
912
1823
3647
6
243
B
486
973
1945
3891
7
273
546
1091
2182
4364
8
303
607
1213
2426
4852
9
334
668
1335
2670
5341
10
364
729
1457
2914
5829
11
395
790
1579
3159
6317
12
456
C
912
1823
3647
7294
13
546
1091
2182
4364
8728
14
729
1457
2914
5829
11658
15
973
D
1945
3891
7782
15564
Table 3: Vmax Parameter
Under special circumstances it is possible to change the Vmax parameters while a motion is ongoing.
All 16 entries for the Vmax parameter are divided into four groups A, B, C and D. When changing
Vmax during a motion take care that the new Vmax value is within the same group. Background: The
TMC211 uses an internal pre-divider for positioning calculations. Within one group the pre-divider is
equal. When changing Vmax between different groups during a motion, correct positioning is not
ensured anymore.


Similar Part No. - TMC211-PA20

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC211-EvalBoard TRINAMIC-TMC211-EvalBoard Datasheet
370Kb / 1P
   Microstep Controller/Driver for up to 0.8A with LIN Interface
TMC211-SA TRINAMIC-TMC211-SA Datasheet
370Kb / 1P
   Microstep Controller/Driver for up to 0.8A with LIN Interface
More results

Similar Description - TMC211-PA20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30623 ONSEMI-AMIS-30623 Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
logo
TRINAMIC Motion Control...
TMC222 TRINAMIC-TMC222 Datasheet
462Kb / 48P
   Micro Stepping Stepper Motor Controller
TMC223 TRINAMIC-TMC223 Datasheet
494Kb / 52P
   Micro Stepping Stepper Motor Controller
logo
ON Semiconductor
AMIS-30421 ONSEMI-AMIS-30421 Datasheet
591Kb / 41P
   Micro-Stepping Stepper Motor Bridge Controller
October, 2011 ??Rev. 0
AMIS-30422 ONSEMI-AMIS-30422 Datasheet
486Kb / 45P
   Micro-Stepping Stepper Motor Bridge Controller
March, 2013 ??Rev. 0
logo
LSI Computer Systems
LS8292 LSI-LS8292 Datasheet
963Kb / 13P
   MICRO-STEPPING MOTOR CONTROLLER
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com