Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G07GM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2G07GM
Description  Low-power dual buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G07GM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G07GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 12Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 13Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74AUP2G07_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 June 2009
10 of 15
NXP Semiconductors
74AUP2G07
Low-power dual buffer with open-drain output
13. Package outline
Fig 9.
Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Similar Part No. - 74AUP2G07GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07GM PHILIPS-74AUP2G07GM Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
logo
Nexperia B.V. All right...
74AUP2G07GM NEXPERIA-74AUP2G07GM Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
More results

Similar Description - 74AUP2G07GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com