Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT549 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FZT549
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT549 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FZT549 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 2 – MARCH 1995
7
PARTMARKING DETAIL –
FZT549
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-35
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-30V
VCB=-30V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.50
-0.75
V
V
IC=-1A, IB =-100mA*
IC=-2A, IB -200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.25
V
IC=-1A, IB=-100mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-1.0
V
IC =-1A, VCE=-2V*
Static Forward Current
hFE
70
100
80
30
300
IC=-50mA, VCE=-2V
IC =-500mA, VCE=-2V*
IC =-1A, VCE=-2V*
IC =-2A, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-5V,
f =100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT549 datasheet.
FZT549
C
C
E
B
3 - 191


Similar Part No. - FZT549

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT549 DIODES-FZT549 Datasheet
52Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT549 KEXIN-FZT549 Datasheet
358Kb / 1P
   PNP Transistors
FZT549 KEXIN-FZT549_15 Datasheet
358Kb / 1P
   PNP Transistors
logo
Diodes Incorporated
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT549

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FXT755 ZETEX-FXT755 Datasheet
29Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com