Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G17 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP2G17
Description  Low-power dual Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G17 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2G17_09 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74AUP2G17_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 July 2009
2 of 18
NXP Semiconductors
74AUP2G17
Low-power dual Schmitt trigger
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G17GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP2G17GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP2G17GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP2G17GW
pV
74AUP2G17GM
pV
74AUP2G17GF
pV
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mnb066
1A
1Y
16
2A
2Y
34
6
1
4
3
mnb067
Fig 3.
Logic diagram
mnb068
1A
1Y
2A
2Y


Similar Part No. - 74AUP2G17_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G17DW-7 DIODES-74AUP2G17DW-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW3-7 DIODES-74AUP2G17FW3-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW4-7 DIODES-74AUP2G17FW4-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FZ4-7 DIODES-74AUP2G17FZ4-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
logo
NXP Semiconductors
74AUP2G17GF NXP-74AUP2G17GF Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
More results

Similar Description - 74AUP2G17_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
logo
Nexperia B.V. All right...
74AXP2G17 NEXPERIA-74AXP2G17 Datasheet
829Kb / 16P
   Low-power dual Schmitt trigger
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
   Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com