Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G17 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP2G17
Description  Low-power dual Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G17 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G17_09 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74AUP2G17_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 July 2009
9 of 18
NXP Semiconductors
74AUP2G17
Low-power dual Schmitt trigger
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
13. Transfer characteristics
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC
Table 11.
Transfer characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+
positive-going
threshold voltage
see Figure 9 and Figure 10
VCC = 0.8 V
0.30
-
0.60
0.30
0.60
0.62
V
VCC = 1.1 V
0.53
-
0.90
0.53
0.90
0.92
V
VCC = 1.4 V
0.74
-
1.11
0.74
1.11
1.13
V
VCC = 1.65 V
0.91
-
1.29
0.91
1.29
1.31
V
VCC = 2.3 V
1.37
-
1.77
1.37
1.77
1.80
V
VCC = 3.0 V
1.88
-
2.29
1.88
2.29
2.32
V
VT−
negative-going
threshold voltage
see Figure 9 and Figure 10
VCC = 0.8 V
0.10
-
0.60
0.10
0.60
0.60
V
VCC = 1.1 V
0.26
-
0.65
0.26
0.65
0.65
V
VCC = 1.4 V
0.39
-
0.75
0.39
0.75
0.75
V
VCC = 1.65 V
0.47
-
0.84
0.47
0.84
0.84
V
VCC = 2.3 V
0.69
-
1.04
0.69
1.04
1.04
V
VCC = 3.0 V
0.88
-
1.24
0.88
1.24
1.24
V


Similar Part No. - 74AUP2G17_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G17DW-7 DIODES-74AUP2G17DW-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW3-7 DIODES-74AUP2G17FW3-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW4-7 DIODES-74AUP2G17FW4-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FZ4-7 DIODES-74AUP2G17FZ4-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
logo
NXP Semiconductors
74AUP2G17GF NXP-74AUP2G17GF Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
More results

Similar Description - 74AUP2G17_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
logo
Nexperia B.V. All right...
74AXP2G17 NEXPERIA-74AXP2G17 Datasheet
829Kb / 16P
   Low-power dual Schmitt trigger
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
   Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com