Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G132DC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUP2G132DC
Description  Low-power dual 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G132DC Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP2G132DC Datasheet HTML 1Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 2Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 3Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 4Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 5Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G132DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74AUP2G132_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 December 2008
5 of 19
NXP Semiconductors
74AUP2G132
Low-power dual 2-input NAND Schmitt trigger
11. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VOH
HIGH-level output voltage
VI = VT+ or VT−
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.75
× V
CC
--
V
IO = −1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = −2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-level output voltage
VI = VT+ or VT−
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
40
µA
CI
input capacitance
VI = GND or VCC; VCC = 0 V to 3.6 V
-
1.1
-
pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.7
-
pF
Tamb = −40 °C to +85 °C
VOH
HIGH-level output voltage
VI = VT+ or VT−
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V


Similar Part No. - 74AUP2G132DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G132DC NEXPERIA-74AUP2G132DC Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
More results

Similar Description - 74AUP2G132DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G132 NEXPERIA-74AUP2G132 Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
logo
NXP Semiconductors
74AUP2G132 PHILIPS-74AUP2G132_15 Datasheet
296Kb / 23P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
74AUP1G132 NXP-74AUP1G132 Datasheet
105Kb / 18P
   Low-power 2-input NAND Schmitt trigger
Rev. 02-15 June 2009
74AUP1G132 PHILIPS-74AUP1G132_15 Datasheet
367Kb / 22P
   Low-power 2-input NAND Schmitt trigger
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G132-Q100 NEXPERIA-74AUP1G132-Q100 Datasheet
238Kb / 14P
   Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
74AUP1G132 NEXPERIA-74AUP1G132 Datasheet
286Kb / 19P
   Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com