Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE350CA Datasheet(PDF) 1 Page - Diotech Company.

Part # 1.5KE350CA
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1.5KE350CA Datasheet(HTML) 1 Page - Diotech Company.

  1.5KE350CA Datasheet HTML 1Page - Diotech Company. 1.5KE350CA Datasheet HTML 2Page - Diotech Company. 1.5KE350CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.5KE6.8(C)A THRU 1.5KE440(C)A
TRANSIENT VOLTAGE SUPPRESSOR
Stand - Off Voltage - 6.8 to 440 Volts
Peak Pulse Power - 1500 Watt
FEATURES
MECHANICAL DATA
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
High Temperat Soldering Guaranteed : 265 C/10 sec/.375."
(9.5mm) Lead Length, 51bs., (2.3kg) Tension
Case: JEDEC DO-201 molded Plastic
Terminals: Axial Leads,Solderable
per MIL-STD-750, Method 2026
Polarity: Cathode Band Except Bi-Directional
Marking: Any
Weight: 1.2grams(approx)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Dimensions in inches and (millimeters)
DO-201AE
0.220(5.6)
0.197(5.0)
DIA.
0.042(1.06)
0.038(0.96)
DIA.
1.0 (25.4)
MIN.
0.375(9.5)
0.335(8.5)
1.0 (25.4)
MIN.
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
1500 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
200
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
5.0
W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.


Similar Part No. - 1.5KE350CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE350CA TRSYS-1.5KE350CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
1.5KE350CA SPSEMI-1.5KE350CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
List of Unclassifed Man...
1.5KE350CA ETC1-1.5KE350CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
HuaXinAn Electronics CO...
1.5KE350CA HUAXINAN-1.5KE350CA Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
logo
Micro Commercial Compon...
1.5KE350CA MCC-1.5KE350CA Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE350CA

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com