Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G125GM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP2G125GM
Description  Low-power dual buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G125GM Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G125GM Datasheet HTML 1Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 2Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 3Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G125GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
74AUP2G125_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 27 November 2009
3 of 21
NXP Semiconductors
74AUP2G125
Low-power dual buffer/line driver; 3-state
6.
Pinning information
6.1 Pinning
Fig 3.
Logic diagram (one gate)
mna227
nOE
nA
nY
Fig 4.
Pin configuration SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT833-1 and SOT1089
(XSON8)
74AUP2G125
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aae973
1
2
3
4
6
5
8
7
74AUP2G125
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aae974
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aaj471
74AUP2G125
Transparent top view
8
7
6
5
1
2
3
4
1OE
1A
2Y
GND
VCC
2OE
1Y
2A
001aae975
1A
1Y
1OE
2Y
2OE
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP2G125


Similar Part No. - 74AUP2G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125GM NXP-74AUP2G125GM Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125GM PHILIPS-74AUP2G125GM Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results

Similar Description - 74AUP2G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com