Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT589 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FZT589
Description  PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT589 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FZT589 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 PNP SILICON PLANAR MEDIUM POWER
HIGH PERFORMANCE TRANSISTOR
ISSUE 2 - OCTOBER 1995
PARTMARKING DETAILS -
FZT589
COMPLEMENTARY TYPES - FZT489
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-50
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
V
IC=-1mΑ∗
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA
VCB=-30V
Collector Emitter Cut-Off Current
ICES
-100
nA
VCES=-30V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.35
-0.65
VIC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.2
V
IC=-1A, IB=-100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-1.1
V
IC=-1A, VCE=-2V*
Static Forward
Current Transfer Ratio
hFE
100
100
80
40
300
IC=-1mA, VCE=-2V*
IC=-500mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT549 datasheet
FZT589
C
C
E
B
3 - 194


Similar Part No. - FZT589

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT589 DIODES-FZT589 Datasheet
54Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT589 KEXIN-FZT589 Datasheet
365Kb / 1P
   PNP Transistors
FZT589 KEXIN-FZT589_15 Datasheet
365Kb / 1P
   PNP Transistors
logo
Diodes Incorporated
FZT589 DIODES-FZT589_15 Datasheet
524Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT589

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX591 ZETEX-FCX591 Datasheet
21Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FMMT589 ZETEX-FMMT589 Datasheet
48Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX589 ZETEX-FCX589 Datasheet
18Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FZT589 DIODES-FZT589 Datasheet
54Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
List of Unclassifed Man...
FCX591TA ETC-FCX591TA Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FCX589 DIODES-FCX589_15 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX589TA DIODES-FCX589TA Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Zetex Semiconductors
FMMT495 ZETEX-FMMT495 Datasheet
135Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com