Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G157DC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP2G157DC
Description  Low-power 2-input multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G157DC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G157DC Datasheet HTML 4Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 5Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 10Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 11Page - NXP Semiconductors 74AUP2G157DC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74AUP2G157_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2008
8 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
I0, I1 to Y, Y; see Figure 9
[2]
VCC = 0.8 V
-
21.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.5
6.1
13.3
2.2
13.8
13.9
ns
VCC = 1.4 V to 1.6 V
1.9
4.2
7.8
2.0
8.4
8.8
ns
VCC = 1.65 V to 1.95 V
1.7
3.4
6.2
1.6
6.9
7.3
ns
VCC = 2.3 V to 2.7 V
1.5
2.7
4.3
1.2
4.9
5.2
ns
VCC = 3.0 V to 3.6 V
1.3
2.4
3.7
1.0
4.0
4.2
ns
StoY, Y; see Figure 9
[2]
VCC = 0.8 V
-
23.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.6
13.8
2.2
14.3
14.5
ns
VCC = 1.4 V to 1.6 V
1.9
4.5
8.0
2.1
8.7
9.1
ns
VCC = 1.65 V to 1.95 V
1.7
3.6
6.3
1.6
7.0
7.4
ns
VCC = 2.3 V to 2.7 V
1.6
2.8
4.4
1.2
5.0
5.3
ns
VCC = 3.0 V to 3.6 V
1.3
2.5
3.7
1.0
4.0
4.2
ns
E to Y, Y; see Figure 10
[2]
VCC = 0.8 V
-
22.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
6.4
13.7
2.5
14.3
14.5
ns
VCC = 1.4 V to 1.6 V
2.1
4.4
8.0
2.1
8.7
9.1
ns
VCC = 1.65 V to 1.95 V
1.8
3.6
6.3
1.6
7.0
7.4
ns
VCC = 2.3 V to 2.7 V
1.6
2.8
4.2
1.4
4.8
5.1
ns
VCC = 3.0 V to 3.6 V
1.4
2.5
3.6
1.1
3.9
4.2
ns


Similar Part No. - 74AUP2G157DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G157DC NEXPERIA-74AUP2G157DC Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
More results

Similar Description - 74AUP2G157DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP1G157 NXP-74AUP1G157_06 Datasheet
82Kb / 16P
   Low-power 2-input multiplexer
Rev. 01-9 November 2006
74AUP1G157 PHILIPS-74AUP1G157_15 Datasheet
264Kb / 20P
   Low-power 2-input multiplexer
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
   Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP2G157 NEXPERIA-74AUP2G157 Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com